PART |
Description |
Maker |
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
M38802E2FS M38881E2SS M37520EF-XXXGP |
8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CQCC64 8-BIT, UVPROM, 12.5 MHz, MICROCONTROLLER, CDIP64 8-BIT, OTPROM, MICROCONTROLLER, PQFP100
|
|
AT27C010-15DI AT27C010-45TIT/R AT27C010-90KM AT27C |
128K X 8 UVPROM, 150 ns, CDIP32 128K X 8 OTPROM, 45 ns, PDSO32 128K X 8 UVPROM, 90 ns, CQCC32 128K X 8 UVPROM, 55 ns, CDIP32
|
ATMEL CORP
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
M27C4002-15J1 M27C4002-80XJ6TR M27C4002-80XJ1X M27 |
256K X 16 UVPROM, 150 ns, CQCC44 256K X 16 UVPROM, 80 ns, CQCC44 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 120 ns, PDIP40 256K X 16 OTPROM, 120 ns, PQCC44 256K X 16 OTPROM, 200 ns, PQCC44 256K X 16 UVPROM, 60 ns, CQCC44
|
STMICROELECTRONICS
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
PIC17LC42-33I_L PIC17C44T-16/JW PIC17C44T-16/L PIC |
8-BIT, UVPROM, 33 MHz, RISC MICROCONTROLLER, CDIP40 0.600 INCH, WINDOWED, CERDIP-40 High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
|
Abracon, Corp. Microchip Technology
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
PE-67050 PE-67100 PE-67300 PE-67200 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz IC,MCU,MC68701,8-BIT,DIP-40 29 I/O,2MHZ 8-BIT, UVPROM, 1 MHz, MICROCONTROLLER, CDIP28
|
Pulse Engineering, Inc.
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|